PART |
Description |
Maker |
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
EDI7C32128C90EC EDI7C32128C60EQ |
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R X32号,闪存EEPROM模块 15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-PDIP
|
EPCOS AG
|
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
MC1458 MC1458D SA1458N MC1458N MC1558N SA1458 SA14 |
General purpose operational amplifier(???杩???惧ぇ?? General purpose operational amplifier 通用运算放大 General purpose operational amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LT1812CS6 LT1812IS5 LT1812IS6 LT18121 LT1812IS8 LT |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
|
Linear Technology, Corp.
|
HDM20416L- HDM20416L-B |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):20V; Amplifier Type:Operational; Mounting Type:Through Hole 20 Character x 4 Lines LED Backlight 20 Character x 4 Lines, LED Backlight
|
Electronic Theatre Controls, Inc. ETC[ETC] HANTRONIX
|
LT1468CDD-2PBF LT1468CDD-2TRPBF LT1468-209 LT1468A |
16-Bit DAC Current-to-Voltage Converter 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
MAX4253EUB MAX4257ESA MAX4254ESD MAX4253EBB-T MAX4 |
OP-AMP|DUAL|BICMOS|TSSOP|10PIN|PLASTIC OP-AMP|DUAL|BICMOS|SOP|8PIN|PLASTIC OP-AMP|QUAD|BICMOS|SOP|14PIN|PLASTIC Operational Amplifier OP-AMP, 750 uV OFFSET-MAX, 3 MHz BAND WIDTH, PBGA8
|
Maxim Integrated Products, Inc. 运算放大
|
MC34001 MC34001D MC34001BP MC34004 |
(MC34001 - MC34004) JFET INPUT OPERATIONAL AMPLIFIERS JFET INPUT OPERATIONAL AMPLIFIERS OP-AMP, 13000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO8 JFET INPUT OPERATIONAL AMPLIFIERS OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc. ON Semiconductor
|